PART |
Description |
Maker |
CL-197 |
Mono-Color Upward-Lighting Type
|
CITIZEN ELECTRONICS CO., LTD.
|
CL-195 CL-195FG CL-195UR CL-195HR |
Mono-Color Upward-Lighting Type
|
CITIZEN ELECTRONICS CO., LTD.
|
CL-830S-WS |
Mono-Color Side-Lighting Type
|
CITIZEN ELECTRONICS CO., LTD.
|
CL-Z482S CL-Z482S-WS |
Mono-Color Side-Lighting Type
|
CITIZEN ELECTRONICS CO., LTD.
|
CL-435F-WN CL-435F-WQ |
Mono-Color Side-Lighting Type
|
CITIZEN ELECTRONICS CO., LTD.
|
LN11WP38 LNG101WHA |
TWO COLOR LIGHTING From old datasheet system Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs
|
PANASONIC[Panasonic Semiconductor]
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
MTSM5015-G MTSM3015-HR MTSM4015-Y MTSM3415-HRY MTS |
Surface mount LED lamp. Emitting color yellow/green. Resin color water clear. Luminous intensity(mcd) 3.0(typ) @20mA. Peak emission waveiength(typ) 585/565 nm. IC REF PREC 2.5V MICROPWR SOT23 采用SOT - 23表面贴装发光二极 SOT-23 Surface Mount LED Lamps Marktech SOT−23 SMT LEDs Surface mount LED lamp. Emitting color hi-eff red/green. Resin color water clear. Luminous intensity(mcd) 3.0(typ) @20mA. Peak emission waveiength(typ) 635/565 nm.
|
Marktech Optoelectronics MARKTECH[Marktech Corporate] http://
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
151051VS04000 |
WL-TMRC THT LED round mono-color color lens
|
Wurth Elektronik GmbH &...
|
2SA1256 |
High fT (230MHz typ), and small Cre (1.1pF typ). Small NF (2.5dB typ).
|
TY Semiconductor Co., Ltd
|